this document was generated on 05/15/2014 please check www.molex.com for latest part information part number: 90142-0014 status: active overview: c-grid iii? description: 2.54mm pitch c-grid iii? crimp housing dual row, 14 circuits documents: 3d model product specification ps-99020-0001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family crimp housings series 90142 application signal, wire-to-board molexkits yes overview c-grid iii? product name c-grid iii? upc 800753658264 physical breakaway no circuits (maximum) 14 color - resin black flammability 94v-0 gender female glow-wire compliant no keying to mating part none lock to mating part yes material - resin ppo net weight 0.972/g number of rows 2 packaging type bag panel mount no pitch - mating interface 2.54mm pitch - termination interface 2.54mm polarized to mating part yes ports 0 stackable no temperature range - operating -55c to +105c electrical current - maximum per contact 3a material info reference - drawing numbers product specification ps-99020-0001 sales drawing sd-90142 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90142 series mates with c-grid iii? header, dual row 90122 , 90130 , 90131 use with c-grid iii? crimp terminal 90119 this document was generated on 05/15/2014 please check www.molex.com for latest part information
|